Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 50Page - STMicroelectronics ST9 Datasheet HTML 51Page - STMicroelectronics ST9 Datasheet HTML 52Page - STMicroelectronics ST9 Datasheet HTML 53Page - STMicroelectronics ST9 Datasheet HTML 54Page - STMicroelectronics ST9 Datasheet HTML 55Page - STMicroelectronics ST9 Datasheet HTML 56Page - STMicroelectronics ST9 Datasheet HTML 57Page - STMicroelectronics ST9 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 146 page
background image
54/146
ST9 USER GUIDE
3.4.3.3 External Interrupt Vectors
There are eight external interrupt causes. They are each connected to an external input that is
the alternate function of an I/O port. Some of these are shared with other causes in an exclu-
sive manner, i.e., the INT0 pin is multiplexed with the Watchdog/Timer interrupt request, and
the INT5 pin is multiplexed with the Serial Peripheral Interface interrupt request (on the
ST92F150). Each cause is associated with a separate vector in Program Memory. All vectors
are contiguous, generating an array of 8 vectors starting with the INT0 vector, and ending with
the INT7 vector. This array may be freely located in program memory between addresses 8 to
240 (0F0h) in program memory.
These interrupt causes are grouped by pairs, and are given new names inside the interrupt
controller, as shown in the following table:
You can independently assign a priority to each pair (A, B, C, D), with levels that are multiple
of two, i.e. you can set them to priority levels 0, 2, 4, or 6. In each pair, the cause bearing the
figure zero assumes this priority, and the cause bearing the figure 1 assumes the next level
above. For example, if you assign level 4 to pair C, this means that INTC0 will have level 4 and
INTC1 level 5. You set this in register EIPLR (R245 page 0), where each group of two bits
gives the level of the corresponding interrupt cause.
The interrupt vectoring is summarized in the table below:
Interrupt Source
Interrupt Cause
INT 0
INT A0
INT 1
INT A1
INT 2
INT B0
INT 3
INT B1
INT 4
INT C0
INT 5
INT C1
INT 6
INT D0
INT 7
INT D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com