Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 23Page - STMicroelectronics ST9 Datasheet HTML 24Page - STMicroelectronics ST9 Datasheet HTML 25Page - STMicroelectronics ST9 Datasheet HTML 26Page - STMicroelectronics ST9 Datasheet HTML 27Page - STMicroelectronics ST9 Datasheet HTML 28Page - STMicroelectronics ST9 Datasheet HTML 29Page - STMicroelectronics ST9 Datasheet HTML 30Page - STMicroelectronics ST9 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 146 page
background image
27/146
ST9 USER GUIDE
Figure 12
. Interrupt Processing in “ST9” Mode
3.1.7.3 DMA Segment
To address the total 4 Mbytes of memory in a DMA transaction, the DMASR points to a
64-Kbyte segment. Since there is no need to have more than one segment at the same time
for the transaction, the DMA uses a single 64-Kbyte segment instead of 4 pages like a Data
Segment (see below). To use the DMASR register, the DP bit in the DMA Address Register
(DAPR) must be set. If DP is reset, the DMA uses the ISR register instead of the DMASR reg-
ister.
CSR
PC MSB
PC LSB
STACK
16-bit
22-bit
6-bit
16-bit
16-bit Address
of any branch
Addresses of local and far
branches (to any segment) are
extended to 22-bits as shown
CSR
PC MSB
PC LSB
STACK
22-bit
16-bit
FLAGR register
Return from interrupt.
The current PC value and the
CSR value saved in the stack are
concatenated to make the 22-bit
FLAG
CSR
ISR
Before loading the CSR register with
the ISR value, the CSR value is saved
in the stack.
CSR
is saved with the current PC value
in the stack and the CSR
register is loaded with the new
6-bit
CSR
FLAG
return address.
CSR+PC
represent
the 22-bit
current address
saved.
CSR
PC MSB
PC LSB
STACK
FLAG
segment to jump to.
CSR
PC MSB
PC LSB
Next segment for
a far branch
Interrupt
When an interrupt occurs, the 16-bit
Interrupt Vector is extended to 22-bits
as shown above.
22-bit
6-bit
8 bits
Interrupt
Service
Routine
Address
For a far CALL, the CSR value
ISR
IVR
at ’0’
6-bit
22-bit
Vector
above.
8-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com