Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 88 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 84Page - STMicroelectronics ST9 Datasheet HTML 85Page - STMicroelectronics ST9 Datasheet HTML 86Page - STMicroelectronics ST9 Datasheet HTML 87Page - STMicroelectronics ST9 Datasheet HTML 88Page - STMicroelectronics ST9 Datasheet HTML 89Page - STMicroelectronics ST9 Datasheet HTML 90Page - STMicroelectronics ST9 Datasheet HTML 91Page - STMicroelectronics ST9 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 146 page
background image
88/146
ST9 USER GUIDE
4.5 SERIAL PERIPHERAL INTERFACE
4.5.1 Description
The SPI is a synchronous input-output port that you can configure in various modes, including
S-Bus. It can have many more uses, of which two are considered here: interfacing with serial-
access EEPROMs and interfacing with a liquid-crystal display.
The main block of the SPI is an 8-bit shift register which can be read or written in parallel
through the internal data bus of the ST9, and that can shift the data in or out on two separate
pins, named SDI and SDO, respectively. The serial transfer is initiated with a write to the SPI
Data Register (SPIDR). Data is input and output simultaneously with each most significant bit
being output on SDO while the level at SDI becomes the least significant bit. Each time a bit
is transferred, a pulse is output at the SCK pin. When eight bits are transferred, eight pulses
have been sent on SCK, and the process stops. If the proper bits are set in the SPI Control
Register (SPICR), an interrupt can be requested on end of transmission. To summaries:
– Transfers are started by writing a byte into the SPI data register
– Data is input and output at the same time
– Data is input and output with the most-significant bit being sent first
– Eight clock pulses are output on the SCK pin synchronously with bit shifting
– An interrupt request can be issued on end of transmission
The SPI is configured with the SPICR register. Four bits of this register are of special interest
in the applications detailed here: these are the CPOL-CPHA pair, and the SPR1-SPR0 pair.
The CPOL-CPHA pair defines the polarity and phase of the clock pulses. This allows them to
adapt to the external device. CPOL selects between rising edge or falling edge as the active
transition, and CPHA selects whether the first active edge is the first edge of the pulse train or
the second one.
The SPR1-SPR0 pair selects one of four different transfer speeds.
4.5.2 Static Liquid-Crystal Display Interface Example
This example uses a static liquid-crystal display that shows a simple number. This can be the
voltage in a digital voltmeter, or any 3 1/2 digit value. A very simple demonstration program is
supplied in the Companion Software. Some of the routines are reused in the bar code reader
described later.
A static liquid-crystal display is composed of a glass back-panel, and a set of front-panel elec-
trodes printed on a glass front-panel. The space between both panels is filled with a liquid-
crystal solution. The electrodes are transparent, and the panels may be fitted with a combina-
tion of polarisers, so that the whole display, unpowered, is either transparent or opaque ac-
cording to the selected polariser combination. When a difference of potential is applied be-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com