Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 38Page - STMicroelectronics ST9 Datasheet HTML 39Page - STMicroelectronics ST9 Datasheet HTML 40Page - STMicroelectronics ST9 Datasheet HTML 41Page - STMicroelectronics ST9 Datasheet HTML 42Page - STMicroelectronics ST9 Datasheet HTML 43Page - STMicroelectronics ST9 Datasheet HTML 44Page - STMicroelectronics ST9 Datasheet HTML 45Page - STMicroelectronics ST9 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 146 page
background image
42/146
ST9 USER GUIDE
3.4.1 Interrupt Vectors
Unlike most microcontrollers, the ST9 uses a two-level indirect interrupt vector system. This
means that each peripheral able to generate interrupt requests has a vector register that
points to a location in program memory (the vector array). This location contains the address
of the start of the interrupt service routine. This allows each peripheral to generate several dif-
ferent interrupt requests: the peripheral vector register points to an array of pointers to rou-
tines, each routine responding to a different interrupt cause. All pointers to interrupt pro-
cessing routines, except the Reset, must be located in the first 256 bytes of the Interrupt Ser-
vice Routine (ISR) segment (one of the 64 code segments). The trap for divide by zero with
the associated far call to the Interrupt Service Routine has to be repeated in all memory seg-
ments containing programs that perform division. Code may also reside in this 256-byte
space, provided that it does not overlap with the interrupt vectors.
Figure 15 shows the complete mechanism of the 22-bit address construction from the interrupt
which provides the Interrupt Vector Register value to the return from interrupt.
For each peripheral, the layout of the vector array is specified in the section related to its own
Interrupt Vector Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com