Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 44Page - STMicroelectronics ST9 Datasheet HTML 45Page - STMicroelectronics ST9 Datasheet HTML 46Page - STMicroelectronics ST9 Datasheet HTML 47Page - STMicroelectronics ST9 Datasheet HTML 48Page - STMicroelectronics ST9 Datasheet HTML 49Page - STMicroelectronics ST9 Datasheet HTML 50Page - STMicroelectronics ST9 Datasheet HTML 51Page - STMicroelectronics ST9 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 146 page
background image
48/146
ST9 USER GUIDE
The difference between them is explained below.
3.4.2.1 Global Interrupt Enable Flag
In both modes, when an interrupt request is acknowledged, the Interrupt ENable (IEN) bit is
cleared, preventing the interrupt service routine from being interrupted again until it is finished.
If required, you may prefer to keep it cleared for the duration of the routine or to set IEN at
some place in the routine using the ei instruction. In the first case, if an interrupt request of a
sufficient priority level is received, it will only be serviced as soon as the service routine cur-
rently running returns. In the second case, the same interrupt request is serviced as soon as
both it occurs and the IEN bit is set. In short, interrupt service routines may be re-interrupted
or not, at will.
3.4.2.2 Concurrent Mode versus Nested Mode
Selecting either Concurrent Mode (automatically chosen on reset) or Nested Mode changes
the way the Current Priority Level is managed.
In Nested Mode, the CPL is automatically set to the priority of the current interrupt service rou-
tine, and is reset to the previous value on return. This allows you handle the interrupt request
according to priority at all times, since during the execution of the service routine for a given in-
terrupt, only those interrupts whose priority is strictly higher than that of the one currently being
served will be taken into consideration. Then if, as must normally be done, the IEN bit is set
during the current service routine, it will be interrupted at once if an interrupt request of higher
priority occurs. If the IEN remains cleared for the whole duration of the service routine, those
interrupt requests will be served first after the current routine has returned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com