Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 79Page - STMicroelectronics ST9 Datasheet HTML 80Page - STMicroelectronics ST9 Datasheet HTML 81Page - STMicroelectronics ST9 Datasheet HTML 82Page - STMicroelectronics ST9 Datasheet HTML 83Page - STMicroelectronics ST9 Datasheet HTML 84Page - STMicroelectronics ST9 Datasheet HTML 85Page - STMicroelectronics ST9 Datasheet HTML 86Page - STMicroelectronics ST9 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 146 page
background image
83/146
ST9 USER GUIDE
that are symmetrically centred on half of the reload value. For example, if the reload value is
255, the compare registers are set to the following values:
You need to ensure that the compare registers are not written while they are used for a com-
parison. Because of this, they are written in an interrupt service routine that is triggered by the
MFT itself. To allow maximum latency time, the interrupt is triggered either by a compare 0 or
a compare 1 event, according to the value of the duty cycle. For duty cycles between 0 and
50%, the compare 0 event is used. Between 50% and 100%, the compare 1 event is used.
The following figures shows the timing diagram.
Figure 44
. Output A Timing
Duty Cycle
Compare Register 0
Compare Register 1
10%
115
140
25%
96
159
50%
64
191
75%
32
223
90%
13
242
Output A
Reload
Value
Compare
Register 1
Value
Compare
Register 0
Value
Reload
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com