Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 47Page - STMicroelectronics ST9 Datasheet HTML 48Page - STMicroelectronics ST9 Datasheet HTML 49Page - STMicroelectronics ST9 Datasheet HTML 50Page - STMicroelectronics ST9 Datasheet HTML 51Page - STMicroelectronics ST9 Datasheet HTML 52Page - STMicroelectronics ST9 Datasheet HTML 53Page - STMicroelectronics ST9 Datasheet HTML 54Page - STMicroelectronics ST9 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 146 page
background image
51/146
ST9 USER GUIDE
ority level as appropriate. The service routine will then allow other interrupts to gain control, at
the expense of delaying its own completion.
Note 1:
In practice, Concurrent mode does not differ much from nested mode if the interrupts are not re-
enabled during an interrupt service routine. Concurrent Interrupts Disabled looks like Nested In-
terrupt Disabled with the difference that the CPL is changed only by software when necessary.
The interrupt requests pending while the interrupt service routine is executing, will only be ser-
viced after the current service routine returns.
Note 2:
An interrupt with priority level 7 will never be served.
3.4.3 External Interrupt Unit
This is a functional block that can receive interrupt requests from up to eight external pins, and
also from some internal devices such as the Watchdog Timer, the Serial Peripheral Interface,
etc. It is used to select the active edge for pin or device, and define the priority for each of the
four pairs. In addition, an NMI pin can be programmed as being maskable or non-maskable. It
is maskable on reset, and once set to non-maskable, it cannot again be set to maskable until
the next reset. This works as explained below.
3.4.3.1 Maskable External Interrupt Pins
These are eight external inputs you can set individually to rising-edge or falling-edge sensitive,
and masked. You assign priorities by pairs, making four groups with different priorities. Within
each group, the two interrupt requests have two successive priorities. For example, if you set
group C to priority 2, the INT4 input will have priority 2 and INT5 will have priority 3 (which is
lower).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com