Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 99 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 95Page - STMicroelectronics ST9 Datasheet HTML 96Page - STMicroelectronics ST9 Datasheet HTML 97Page - STMicroelectronics ST9 Datasheet HTML 98Page - STMicroelectronics ST9 Datasheet HTML 99Page - STMicroelectronics ST9 Datasheet HTML 100Page - STMicroelectronics ST9 Datasheet HTML 101Page - STMicroelectronics ST9 Datasheet HTML 102Page - STMicroelectronics ST9 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 146 page
background image
99/146
ST9 USER GUIDE
Figure 46
. A/D Converter Block Diagram
The conversion cycle can either be started in Single mode, by a trigger (software or hardware,
the later being internal or external) or in Continuous mode, restarted as soon as the previous
cycle is finished.
Each channel uses one bit of a port (the port depends on the variant of the ST9), and the con-
version result is stored in a 16-bit register. Sixteen such registers are available, named
AD_D0R to AD_D15R. These 16 bit registers are data registers are made up of two 8-bit reg-
16
10
2
A/D End of conversion or
AWD interrupt to the core
3 bits of
CICR
4 bits of
AD_ICR
Priority
Mechanism
1 bit of
AD_IVR
A/D or AWD
Interrupt Vector
selection
Pending & Mask bits
4 bits of
AD_CRR
Compare Result
Analog Watchdog
Threshold
registers 16-bit H/L(Ch.A)
Threshold
registers 16-bit H/L(Ch.B)
4 bits of
CLR1
Data
Register
A/D Converter
AIN pins
channels 0 to 16
Autoscan Logic
See fully detailed
diagram of the
A/D converter in Section 6
Synchronisation to
Start/Stop the
A/D Converter
4 bits of
CLR1
EXTRG pin
3 bits of
AD_ICR
2
4 bits of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com