Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 20Page - STMicroelectronics ST9 Datasheet HTML 21Page - STMicroelectronics ST9 Datasheet HTML 22Page - STMicroelectronics ST9 Datasheet HTML 23Page - STMicroelectronics ST9 Datasheet HTML 24Page - STMicroelectronics ST9 Datasheet HTML 25Page - STMicroelectronics ST9 Datasheet HTML 26Page - STMicroelectronics ST9 Datasheet HTML 27Page - STMicroelectronics ST9 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 146 page
background image
24/146
ST9 USER GUIDE
3.1.7.1 Program Segment
We can consider this memory as linear since we can jump anywhere in memory space using
the special JPS, CALLS and RETS instructions.
The 6-bit CSR register is used to extend the 16-bit address to a 22-bit address by concatena-
tion (see Figure 10). To make a fast branch in the same segment, use the common JP, CALL
and RET instructions.
To branch to another segment using a far call, the use of CALLS saves the current PC value
and the CSR value (Code Segment Register) in the stack, before loading the PC and the CSR
registers with the new values. Every time the segment changes you have to use the far branch
even if you branch from address (n)FFFFh to (n+1)0000h. This is because the program
doesn’t manage the 6 high-order bits of the 22-bit program addresses if you don’t use a far
branch to change the CSR register value. The script file (described in the Development Tools
chapter) allows you to place all your program modules anywhere in a single segment.
The far branch instruction adds only 2 to 4 additional cycles compared to a near branch in-
struction.
Note:
In C language, using the small code model (this means only one 64 Kbyte segment is used), all
calls use local branches. If more than one segment is used, the large code model is required
and all calls use far branches even when branching locally. To avoid far calls in the same seg-
ment, the segment to be called has to be declared as static if it is not called from another seg-
ment.
3.1.7.1.1 Segment and Offset in Assembler Mode or C Language
The Offset represents the address in the segment with 16 bits. If the Segment and the Offset
are known, the following syntax is used for the far branches:
jps
segment,offset
; 6 bits + 16 bits
jps
symbol
; 22 bits
calls
segment,offset
; 6 bits + 16 bits
calls
symbol
; 22 bits
calls
(R),(rr)
; 6 bits + 16 bits
calls
(r),(rr)
; 6 bits + 16 bits
rets
; 22 bits
The assembly tools accept a set of directives which retrieves the elements of a function ad-
dress or of a label.
The operator SEG (stands for SEGment) allows you to extract the segment number of a label;
similarly, the operator SOF (stands for Segment OFfset) allows you to extract the offset of a
label within its segment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com