Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 90 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 86Page - STMicroelectronics ST9 Datasheet HTML 87Page - STMicroelectronics ST9 Datasheet HTML 88Page - STMicroelectronics ST9 Datasheet HTML 89Page - STMicroelectronics ST9 Datasheet HTML 90Page - STMicroelectronics ST9 Datasheet HTML 91Page - STMicroelectronics ST9 Datasheet HTML 92Page - STMicroelectronics ST9 Datasheet HTML 93Page - STMicroelectronics ST9 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 146 page
background image
90/146
ST9 USER GUIDE
Characters:
.byte 3Fh, 0Ch, 5Bh, 5Eh, 64h, 76h, 77h, 1Ch, 7Fh, 7Eh
The LCD electrodes are connected to the outputs of a serial input, parallel output shift register.
The backplane is also connected to one output. This allows us to provide the A.C. drive for the
electrodes, as shown in the table below:
In short, the segment is On if its level is different from that of the backplane. It is Off if its level
is the same as that of the backplane. Thus, to generate the drive pattern, it is only necessary
to build the four bytes that correspond to the various segments, keeping the bit corresponding
to the backplane at level zero. Then, using a periodic interrupt, these four words are trans-
mitted serially, but complemented every other time. As an example, to display the value 375,
as in the demonstration program, the following message is built:
Since in this original message the backplane bit is kept at zero, all bits that are 1 correspond
to an activated segment; the others remain invisible. This message is sent at intervals of about
16 ms, but it is inverted every other time, giving the succession:
This succession of inverted words guarantee a zero D.C. component across the liquid crystal
solution, which is absolutely necessary.
Level of the back-
plane
Level of one of the
segments
State of the liquid crystal
between the electrodes
00
off
0
1
on, positive voltage
1
0
on, negative voltage
11
off
Symbols
Hundreds
Tens
Units
00000000
01011110
00011100
01110110
Symbols
Hundreds
Tens
Units
00000000
01011110
00011100
01110110
11111111
10100001
11100011
10001001
00000000
01011110
00011100
01110110
11111111
10100001
11100011
10001001
00000000
01011110
00011100
01110110
11111111
10100001
11100011
10001001
etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com