Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 91 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 87Page - STMicroelectronics ST9 Datasheet HTML 88Page - STMicroelectronics ST9 Datasheet HTML 89Page - STMicroelectronics ST9 Datasheet HTML 90Page - STMicroelectronics ST9 Datasheet HTML 91Page - STMicroelectronics ST9 Datasheet HTML 92Page - STMicroelectronics ST9 Datasheet HTML 93Page - STMicroelectronics ST9 Datasheet HTML 94Page - STMicroelectronics ST9 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 146 page
background image
91/146
ST9 USER GUIDE
4.5.3 EEPROM Serial Interface Example using I²C
An I²C Serial EEPROM is a very convenient device that stores a few bytes for at least 10 years
in a secure manner. The serial I²C access uses only two wires, which allows the memory to fit
in an 8-pin DIL package. The serial access requires a serial transmission protocol, which
makes the access more difficult than with a parallel-bus EEPROM device. This, however, is
not a real drawback, for two reasons:
– The serial synchronous transmission is very easy to implement, and is not time-critical
– Using a serial protocol makes it impossible (or very unlikely) that you will overwrite or erase
data by mistake, which ensures a high safety level for the application
Thus, for applications that can manage with a small amount of permanent data, a serial EE-
PROM is the best choice. Examples include storing the reading of a counter or a recording
meter, storing configuration parameters or calibration values. The application described here
uses a 24C08 memory chip from STMicroelectronics, that takes advantage of the SPI to ex-
change data with minimum software overhead.
4.5.3.1 Additional Clock Timing
Compared to I²C timing, SPI timing needs additional software to manage the following:
– The start condition
– The ninth bit for acknowledgement
– The stop condition
These three timing differences are implemented by changing the input/output port data and
configuration registers, to pull the level on the SDA and SCL pins up or down.
4.5.3.2 EEPROM I²C Protocol
To connect more than one device to an I²C interface, each device needs an address to be se-
lected. The EEPROM 24C08, used for our example, has an address equal to A0h.
Following a start condition, the bus master (SPI) must output the address of the EEPROM it is
accessing. The most significant four bits are the device type identifier (1010). The following bit
identifies the specific memory location on the bus (it is matched to the chip enable signal).
Once the 6th and 7th bits are sent, select the block number and the 8th bit sent is the read or
write bit (1 for read, 0 for write). After the address has been sent, ten data bytes can be sent
to the EEPROM for writing, and all the data bytes can be read successively from the EEPROM
for verification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com