Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 70Page - STMicroelectronics ST9 Datasheet HTML 71Page - STMicroelectronics ST9 Datasheet HTML 72Page - STMicroelectronics ST9 Datasheet HTML 73Page - STMicroelectronics ST9 Datasheet HTML 74Page - STMicroelectronics ST9 Datasheet HTML 75Page - STMicroelectronics ST9 Datasheet HTML 76Page - STMicroelectronics ST9 Datasheet HTML 77Page - STMicroelectronics ST9 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 146 page
background image
74/146
ST9 USER GUIDE
output pin at the next end of count. By alternating between two time values, a duty cycle other
than 50% can be obtained (PWM). When the interrupt occurs, the output has already changed
its state, so that the waveform can be very precise since it depends only on the timer hardware
and not on the software. All that the interrupt service routine has to do is to load the timer latch
with the value to be used when the end of count is reached. Thus, the constraint is that the re-
load interrupt must be guaranteed a latency time less that the shortest time between two
output transitions. This may or may not be difficult to realize according to the intended timing
and the presence of portions of the program where the interrupts are disabled. It is thus rec-
ommended to properly manage the interrupts and thoroughly use the priorities to achieve this
requirement.
The WDT does not have an interrupt cause and a vector of its own. It must borrow them either
from the Top Level Interrupt or the INTA0 input. We have chosen to use INTA0 here, and to
give it a priority of 6 which is high, but not the highest (which is 0).
4.3.4 Watchdog Application 2: Using the Watchdog
A watchdog timer is a safety measure to prevent a program going adrift. It relies on a hardware
timer that must be periodically reset by the program. Failing to do this will reset the whole pro-
gram (at the End Of Count). You will find it in the Companion software in the WDT/appli2 di-
rectory.
The efficiency of this approach varies with the type of program and depends on the following
conditions:
The hardware action to perform in order to reset the timer must be so complex that if the pro-
cessor goes adrift, it cannot accidentally reset the watchdog. In the ST9, you need to write
0AAh and 055h successively to the WDTLR.
The chosen time-out value must be greater than the interval at which the program resets the
watchdog. It must also be as close as possible to that interval for maximum safety. Since the
watchdog time-out value is set once at the beginning of the program, this condition is best ful-
filled if the resetting action is performed at constant intervals.
A special software arrangement must be designed to reduce the chance that the part of the
program that resets the watchdog can continue undisturbed when other parts of the program
are faulty. This may include an interlock mechanism that requires that several program
branches be executed to enable the resetting of the Watchdog count.
As you can see, achieving a very secure program malfunction detection by the sole means of
a watchdog is a very difficult thing to realize. However, the watchdog can still play a key role
in the safety of some systems, an example of which is an induction motor controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com