Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 54Page - STMicroelectronics ST9 Datasheet HTML 55Page - STMicroelectronics ST9 Datasheet HTML 56Page - STMicroelectronics ST9 Datasheet HTML 57Page - STMicroelectronics ST9 Datasheet HTML 58Page - STMicroelectronics ST9 Datasheet HTML 59Page - STMicroelectronics ST9 Datasheet HTML 60Page - STMicroelectronics ST9 Datasheet HTML 61Page - STMicroelectronics ST9 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 146 page
background image
58/146
ST9 USER GUIDE
DAPR indicates whether the memory segment is pointed by DMASR or ISR (see Section
3.1.7). The DMA address and the DMA transaction counter are not necessarily consecutive.
3.5.2.3 Transfer Termination
A burst terminates when the count of transfers reaches a predefined value. To set this up, you
set a counter register in the register file that holds the count of transfers to execute at the start
of a burst. Each transfer decrements it, and the DMA mechanism is stopped when the counter
reaches zero.
The way DMA controller terminates the transfer differs from one peripheral to another, but typ-
ically it consists of resetting the bit in the configuration register that tells the peripheral to issue
DMA requests instead of interrupt requests. Then, on the last transfer, when the transfer
counter reaches zero, it toggles the DMA/Interrupt request bit so that the peripheral issues an
interrupt request again. If this request is unmasked, you should vector it to an interrupt service
routine that handles the DMA termination.
To summarise:
For register transfers, the DCPR of the peripheral points to a user-defined pair of registers that
holds the address and the count. Register DAPR is unused. For memory transfers, the DAPR
points to the user-defined register pair that holds the address. The DCPR register points to the
user-defined register pair that holds the count.
Some peripherals, such as the Multifunction Timer, even have a double pair of DAPR/DCPR
registers. Only one pair is used at a time. In so-called Swap Mode, this allows the timer to use
one data buffer for output and another buffer for input. The pair of registers used is automati-
cally changed when one transfer burst terminates, allowing a continuous data flow between
the program and the peripheral, with minimum data handling overhead.
In addition, the MFT has 16-bit registers. Transfers imply two byte transfers for each register.
This is ensured by a mechanism that gives the DMA the highest priority as soon as the first
byte is transferring. This guarantees that the second byte will also be transferred in the
shortest delay, even if other DMA requests become pending while the transfer is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com