Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 73Page - STMicroelectronics ST9 Datasheet HTML 74Page - STMicroelectronics ST9 Datasheet HTML 75Page - STMicroelectronics ST9 Datasheet HTML 76Page - STMicroelectronics ST9 Datasheet HTML 77Page - STMicroelectronics ST9 Datasheet HTML 78Page - STMicroelectronics ST9 Datasheet HTML 79Page - STMicroelectronics ST9 Datasheet HTML 80Page - STMicroelectronics ST9 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 146 page
background image
77/146
ST9 USER GUIDE
In addition to providing output signals, the timers can generate so-called “internal events” that
can be used to synchronize other internal peripherals such as the DMA and the Analog to Dig-
ital Converter. Not all peripherals to be synchronized can be connected to just any MFT. For
each ST9 variant, the connection between each MFT and the other peripheral is unique. Refer
to the corresponding datasheet for more information.
The second block diagram represents the counter, the capture and compare registers, the re-
load logic and the associated configuration and status registers. The interrupt and DMA blocks
are not represented.
Figure 35
. MFT Simplified Block Diagram
In the above diagrams, the interrupt and DMA logic are not represented. They obey the gen-
eral interrupt and DMA rules described earlier, and are controlled by three registers.
The Interrupt Vector Register controls the location of the interrupt vectors in program memory.
They must be located at addresses that are multiples of 8.
VR02111J
2 bits of
FLAGR
(result:)
(result:)
6 bits of
TMR
1 bit of TCR
1 bit of CICR
Compare 1 Register
Compare 0 Register
Compare Logic
16-bit Counter
with Comparator
Capture/Load Register 0
Capture/Load Register 1
Load/Capture/Monitor
Logic
Counter
Enable
1 bit of TCR
(OVF/UNF)
(result:)
2 bits of
FLAGR
Clock
U/D
Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com