Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 22Page - STMicroelectronics ST9 Datasheet HTML 23Page - STMicroelectronics ST9 Datasheet HTML 24Page - STMicroelectronics ST9 Datasheet HTML 25Page - STMicroelectronics ST9 Datasheet HTML 26Page - STMicroelectronics ST9 Datasheet HTML 27Page - STMicroelectronics ST9 Datasheet HTML 28Page - STMicroelectronics ST9 Datasheet HTML 29Page - STMicroelectronics ST9 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 146 page
background image
26/146
ST9 USER GUIDE
Figure 11
. Interrupt Processing in “ST9” Mode
In “ST9” mode, saving the CSR value allows you to change its value to branch to another seg-
ment. When the interrupt occurs and when the current PC, CSR and FLAGR values are
saved, the ISR register value is stored in the CSR register (see Figure 12).
FLAG
PC MSB
PC LSB
STACK
22-bit
6-bit
16-bit
16-bit Address of
any branch
Addresses of local branches
FLAG
PC MSB
PC LSB
STACK
22-bit
6-bit
16-bit
FLAGR register
Return from interrupt.
The current PC value saved in the
stack and the CSR value are
concatenated to make the 22-bit
return address.
ISR
CSR
FLAG
PC MSB
PC LSB
STACK
PC MSB
PC LSB
Only the
PC value
is saved
for a
CALL
instruction
When an interrupt occurs, the 8-bit
IVR address is extended to 22-bits
to obtain the address of the
(within the same segment as
the Interrupt Service Routine,
extended to 22-bits as shown
Interrupt Service Routine
as shown above.
using the CALL instruction) are
16-bit
ISR
Interrupt
22-bit
6-bit
8 bits
Interrupt
Service
Routine
Address
ISR
IVR
at ’0’
6-bit
22-bit
Vector
8-bit
above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com