Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 17Page - STMicroelectronics ST9 Datasheet HTML 18Page - STMicroelectronics ST9 Datasheet HTML 19Page - STMicroelectronics ST9 Datasheet HTML 20Page - STMicroelectronics ST9 Datasheet HTML 21Page - STMicroelectronics ST9 Datasheet HTML 22Page - STMicroelectronics ST9 Datasheet HTML 23Page - STMicroelectronics ST9 Datasheet HTML 24Page - STMicroelectronics ST9 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 146 page
background image
21/146
ST9 USER GUIDE
As an example, if RP0 is set to half group 2 (lower part of whole group 1) and RP1 to half
group 27 (upper part of whole group 13), r0 will designate R16 (2 x 8 + 0) while r15 designates
R223 (27 x 8 + 7).
Using either method depends on the organization of the data in the register file. You may find
it convenient to use two 8-register blocks if you need to make quick calculations on pairs of
data that are far apart in the register file.
The page numbering and switching instructions are summarized below:
Table 2.
Register Page Number Summary
When you use an 8- or 16-register group, you may very likely have a subroutine or an interrupt
routine that uses a different set of working registers. You must save (push) the pair of register
pointers RPP that include RP0 and RP1 at the beginning of the routine and restore them on
exit.
3.1.6.3 Peripheral Register Paging
Group F of the 16-register groups is paged so that as many as 64 different groups can be
mapped to this address range. This large space is used to accommodate the registers related
to the peripherals. The paging technique allows you to add any number of peripherals and still
be able to handle them without using up more addresses in the register space.
When you access a register in group 15, first set the Page Pointer Register to the number of
the page that contains the register you want. Here is how a page is selected:
Hexa-
decimal
register
number
Decimal
register
number
Function
Eight-Register
block decimal
(hexadecimal)
srp0 #n (or srp1) #n
instructions to select a block to
provide r0-r7
and r8-r15 respectively
F8-FF
248-255
Paged registers
31 (1F)
srp0 or srp1 #31
F0-F7
240-247
Paged registers
30 (1E)
srp0 or srp1 #30
E8-EF
232-239
System registers
29 (1D)
srp0 or srp1 #29
E0-E7
224-231
System registers
28 (1C)
srp0 or srp1 #28
D8-DF
216-223
General
purpose
registers
27 (1B)
srp0 or srp1 #27
D0-D7
208-215
26 (1A)
srp0 or srp1 #26
C8-CF
200-207
25 (19)
srp0 or srp1 #25
...
...
...
...
78-7F
120-127
15 (0F)
srp0 or srp1 #15
...
...
...
...
20-27
32-39
4
srp0 or srp1 #4
18-1F
24-31
3
srp0 or srp1 #3
10-17
16-23
2
srp0 or srp1 #2
08-0F
08-15
1
srp0 or srp1 #1
00-07
00-07
0
srp0 or srp1 #0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com