Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 63Page - STMicroelectronics ST9 Datasheet HTML 64Page - STMicroelectronics ST9 Datasheet HTML 65Page - STMicroelectronics ST9 Datasheet HTML 66Page - STMicroelectronics ST9 Datasheet HTML 67Page - STMicroelectronics ST9 Datasheet HTML 68Page - STMicroelectronics ST9 Datasheet HTML 69Page - STMicroelectronics ST9 Datasheet HTML 70Page - STMicroelectronics ST9 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 146 page
background image
67/146
ST9 USER GUIDE
– Analog Input (see note)
Note:
On the port that accommodates the inputs of the Analog to Digital Converter, there is a special
feature. In all other peripherals that require an input, you only need to configure the correspond-
ing pin as an input. However, when using the ADC you can put the input pins to any voltage level
from ground to Vcc. This is normally badly handled by standard logic gates that dissipate con-
siderable power when the voltage reaches the limit range. To avoid this, the port that provides
the input pins of the ADC has a special Alternate Function mode. Unlike the other ports it is used
for input. This mode disconnects the input buffer from the pin and shorts the buffer input to the
ground. The output buffer is put in high-impedance mode. The pin is permanently connected to
the input of the ADC, thus allowing its voltage to be read at any time.
To handle all these capabilities, each port requires three configuration registers, PxC1, PxC2
and PxC3, where x is the port number. Once configured, a port exchanges data with the core
through the PxDR data register.
The configuration registers are placed in various pages of the register group 15, as well as the
data registers, except for the first six ports. These six belong to the system register group
(group 14) for easy access.
Some ports also include DMA capability, configurable to work with the Multi-Function Timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com