Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 88Page - STMicroelectronics ST9 Datasheet HTML 89Page - STMicroelectronics ST9 Datasheet HTML 90Page - STMicroelectronics ST9 Datasheet HTML 91Page - STMicroelectronics ST9 Datasheet HTML 92Page - STMicroelectronics ST9 Datasheet HTML 93Page - STMicroelectronics ST9 Datasheet HTML 94Page - STMicroelectronics ST9 Datasheet HTML 95Page - STMicroelectronics ST9 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 146 page
background image
92/146
ST9 USER GUIDE
4.6 SERIAL COMMUNICATIONS INTERFACE
4.6.1 Description
The SCI is the association of a UART and a complex logic that handles tasks such as char-
acter recognition and DMA. It can also work as a simple serial expansion port that then resem-
bles the SPI. The example given here appears as a classical UART application, viewed exter-
nally, but it is assisted by the built-in DMA controller to provide effortless transfers of data in
and out of the application. As serial communication is a feature that is very often used, it will
be found in all three applications.
The SCI has four operating modes:
– Asynchronous mode where data and clock can be asynchronous. Each data is sampled 16
times per clock period. The baud rate should be set to the 16 division mode and the frequen-
cy of the input clock is set to suit.
– Asynchronous mode with synchronous clock where data and clock are synchronous but the
transmit and receive clock are asynchronous. The receive clock must be given by the exter-
nal peripheral.
– Serial Expansion mode where data and clock are synchronous and the clock is supplied by
the transmitter (ST9 in transmission and externally in reception).
– Synchronous mode where data and clock are synchronous, the transmit data clock is sup-
plied by the ST9 and the receive data clock is received by the external peripheral. In this
mode there are no start and stop bits.
These four operating modes allow you to connect the ST9 to any external interface.
4.6.1.1 UART
The UART offers all the usual functions for asynchronous transfer. You can set it to handle
word lengths of 5 to 8 bits, with or without parity, even or odd. It offers also the possibility to ap-
pend a signalling bit (called Address bit or 9th bit -- regardless of the word length) at the end
of the transmitted data, just before the stop bit. This can be used to help design a multidrop
network. The UART can be set to interrupt the processor only when this bit is high, indicating
that the current character is an address or other identifier. This prevents the processor from
being disturbed by the traffic on the network unless an address byte is received, so that the
processor can check if it is concerned or not by the incoming data.
The UART is set to 8 bits, 1 stop bit and no parity, by writing the appropriate value in the
CHCR register.
A timer is part of the SCI block. It is used as a Baud Rate Generator (BRG). It allows you to di-
vide either the internal clock or the frequency available at the RXCLK input pin, by an arbitrary
value. This output can be fed to the receive and transmit sections, though each section can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com