Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 45Page - STMicroelectronics ST9 Datasheet HTML 46Page - STMicroelectronics ST9 Datasheet HTML 47Page - STMicroelectronics ST9 Datasheet HTML 48Page - STMicroelectronics ST9 Datasheet HTML 49Page - STMicroelectronics ST9 Datasheet HTML 50Page - STMicroelectronics ST9 Datasheet HTML 51Page - STMicroelectronics ST9 Datasheet HTML 52Page - STMicroelectronics ST9 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 146 page
background image
49/146
ST9 USER GUIDE
Figure 17
. Example with Nested Interrupts Enabled
Figure 18
. Example with Nested Interrupts Disabled
6
5
4
3
2
1
0
7
Priority
Main program
Interrupt #2
Main program
CPL is
CPL = 5
CPL = 2
CPL = 5
CPL = 7
ei
Interrupt #2 has priority level 2
Interrupt #5 has priority level 3
Interrupt #6 has priority level 6
Main program has priority level 7
Interrupt #5
Interrupt #6
Interrupt #5
CPL = 6
Interrupt #6 is requested
but not served because
its priority is lower than
the current CPL
Interrupt #5
is requested
Interrupt #2
is requested
and served
(automatically)
set to 7
di
ei
ei
ei
Nested mode: IAM bit =”1”
IEN is set to “1” by the programmer
(Interrupt #5 can be served)
Level
6
5
4
3
2
1
0
7
Priority
Main program
Interrupt #2
Main program
CPL is
CPL = 5
CPL = 2
CPL = 7
ei
Interrupt #2 has priority level 2
Interrupt #5 has priority level 3
Interrupt #6 has priority level 6
Main program has priority level 7
Interrupt #6
Interrupt #5
CPL = 6
Interrupt #6
Interrupt #5
is requested
Interrupt #2
is requested
(automatically)
set to 7
di
Nested mode: IAM bit =”1”
IEN is not set to “1” by the programmer
(Interrupt #5
can be served)
is requested
Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com