Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 57Page - STMicroelectronics ST9 Datasheet HTML 58Page - STMicroelectronics ST9 Datasheet HTML 59Page - STMicroelectronics ST9 Datasheet HTML 60Page - STMicroelectronics ST9 Datasheet HTML 61Page - STMicroelectronics ST9 Datasheet HTML 62Page - STMicroelectronics ST9 Datasheet HTML 63Page - STMicroelectronics ST9 Datasheet HTML 64Page - STMicroelectronics ST9 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 146 page
background image
61/146
ST9 USER GUIDE
3.6.1.1 Clock Multiplier
The Clock Multiplier is a part of the Figure 26.
The advantage of the Clock Multiplier is that it can produce a variable clock frequency de-
pending on the needs of the CPU.
Since the input clock to the PLL circuit requires a 50% duty cycle for correct operation, the di-
vide by two should be enabled (DIV2 bit of MODER register set) if the PLL is enabled. It is nec-
essary when a crystal oscillator is used, or when the external clock generator does not provide
a 50% duty cycle. In practice, the divide-by-two is virtually always used in order to ensure a
50% duty cycle signal to the PLL multiplier circuit.
The Clock Multiplier output is one of the CLOCK2, CLOCK2/16 or CLOCK2*PLLMUL/(DX+1)
(PLLMUL is the PLL multiplier coefficient) frequencies.
The two frequencies CLOCK2 and CLOCK2/16 are for low power consumption or reduce
power consumption, depending on the Wait For Interrupt instruction (refer to the flow chart
Figure 25).
The PLL has four clock multiplier factors (6,8,10 and 14) controlled by the two bits MX0 and
MX1 in the PLLCONF register. The clock divider is controlled by three bits DX0:2 in the
PLLCONF register for seven rates which are 1/(DX+1). Setting DX2:0=7 turns OFF the PLL to
reduce consumption.
When you switch on the PLL, you have to allow a delay for the PLL to lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com