Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 43Page - STMicroelectronics ST9 Datasheet HTML 44Page - STMicroelectronics ST9 Datasheet HTML 45Page - STMicroelectronics ST9 Datasheet HTML 46Page - STMicroelectronics ST9 Datasheet HTML 47Page - STMicroelectronics ST9 Datasheet HTML 48Page - STMicroelectronics ST9 Datasheet HTML 49Page - STMicroelectronics ST9 Datasheet HTML 50Page - STMicroelectronics ST9 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 146 page
background image
47/146
ST9 USER GUIDE
3.4.2 Interrupt Priorities
In any microprocessor-based system, there is a trade-off between the computational power of
the main program and the interrupt latency time. Expressed simply, the less the main program
is disturbed, the sooner it finishes its job. On the other hand, we often need to serve interrupt
requests generated by the peripherals as quickly as possible. Since this is a trade-off, we
need to find a compromise that gives both enough power to the main program while still
keeping it as responsive as possible to interrupts. It is likely that we will need to modify this
compromise according to the current status of the program.
If we define that some interrupt requests are more urgent than others, we can define a priority
or a hierarchy of interrupt requests. The main program itself, if given a priority level, should be
considered as having the lowest priority (except sometimes when interrupts are undesirable).
In most cases, when the main program is running, it can be interrupted by any interrupt re-
quest. But once a request is being served, it most likely needs to continue undisturbed, unless
a request from a higher priority level occurs. Then, the higher priority request is served until
completion. The service routine then returns to the lower priority interrupt service routine, that
terminates and eventually returns to the main program. In the ST9, this behavior is called
Nested Mode.
Other types of behavior may be required depending of the kind of processing. For this, the
ST9 interrupt system has two Boolean parameters to select the way interrupts are handled,
which allow four basic choices.
The priority mechanism is driven by the Current Priority Level parameter. At a given time, the
part of the program being executed runs under a certain level. You can change this CPL by
writing a different value in the core’s Central Interrupt Control Register (CICR). You can assign
Priority Level (PL) to each interrupt source. At initialisation time, this value is written in one of
the control registers specific to the corresponding peripheral.
Note:
The PL is a three-bit word that ranges from 0 to 7. Note that 0 stands for a high priority and 7
for a low priority. These bits belong to one of the configuration registers of each peripheral.
When a peripheral requests an interrupt, the built-in interrupt controller compares the priority
level of the interrupt request to the Current Priority Level. The interrupt is only acknowledged
if its priority level value is strictly less than (higher priority) than the Current Priority Level
value. This allows you to filter out interrupt requests according to their degree of importance or
of urgency according to the current activity of the program. The Non-Maskable Interrupt input
(NMI) is hard wired with a higher priority than any level, and thus is acknowledged immediately
in all circumstances.
The ST9 offers two modes for managing interrupt priorities:
– Concurrent Mode
– Nested Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com