Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 35Page - STMicroelectronics ST9 Datasheet HTML 36Page - STMicroelectronics ST9 Datasheet HTML 37Page - STMicroelectronics ST9 Datasheet HTML 38Page - STMicroelectronics ST9 Datasheet HTML 39Page - STMicroelectronics ST9 Datasheet HTML 40Page - STMicroelectronics ST9 Datasheet HTML 41Page - STMicroelectronics ST9 Datasheet HTML 42Page - STMicroelectronics ST9 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 146 page
background image
39/146
ST9 USER GUIDE
if the condition is not met. If the condition is met, the pointer is not incremented and the branch
is taken. Example:
; Find the position of a letter in a text.
Message:.ascii "This is a trial"
ld
rr0,#Message
; where to search
ld
r2,#'t'
; the character to search for
Search:
cpjfi
r2,(rr0),Search
; this is the search loop
...
; here rr0 points to the 11th character of message
...
; continuation
3.3.1.7 Far Branch
As explained in Section 3.1.7, the 4-Mbyte memory is a segmented memory. It is not possible
to reach another segment with the common CALL, RET and JP instructions because they do
not manage the CSR (Code Segment Register) register. This is managed by the three new
CALLS, RETS and JPS instructions. Only 2 to 4 cycles are added to the common instructions.
3.3.1.8 Optimized C Instructions
In C functions when a function is called, the compiler needs to push the variables in the user/
system stacks and to keep the return address location of the function inside the stack.
Therefore, a frame pointer is used, and 2 pieces of code named prologue and epilogue need
to be added by the C Compiler at the beginning and at the end of the function respectively.
The LINK and UNLINK instructions (LINKU, UNLINKU to use the user stack) are used to re-
duce the code overhead generated by the compiler inside the function. These instructions are
automatically added by the C Compiler instead of prologue and epilogue (if option -mlink is
specified).
The number of cycles gained by using these instructions is about 34 to 42 cycles and 8 bytes
per called function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com