Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 4Page - STMicroelectronics ST9 Datasheet HTML 5Page - STMicroelectronics ST9 Datasheet HTML 6Page - STMicroelectronics ST9 Datasheet HTML 7Page - STMicroelectronics ST9 Datasheet HTML 8Page - STMicroelectronics ST9 Datasheet HTML 9Page - STMicroelectronics ST9 Datasheet HTML 10Page - STMicroelectronics ST9 Datasheet HTML 11Page - STMicroelectronics ST9 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 146 page
background image
8/146
ST9 USER GUIDE
2.2 PERIPHERALS
The ST9 family includes a large number of peripherals. The main ones are:
These peripherals are available with the standard variants. More peripherals are available on
custom devices on request, e.g. a videotext decoding logic.
The ST9 family includes so many variants it would go beyond the scope of this book to de-
scribe them all. They are all made up of the same ST9 core surrounded by a set of peripherals,
ROM and/or RAM and/or EEPROM and/or FLASH being optional. This book has chosen to
show the three most generic variants and provide a basis for understanding all the others.
Acronym
Name
Function
MFT
Multi-Function Timer
All counting and timing functions. Includes auto-reload on con-
dition, interrupt generation, DMA transfer, two inputs for fre-
quency measurement or pulse counting, two outputs that can
change on condition, PWM signal generation.
Conditions include: overflow/underflow, comparison with one
or two compare registers.
Capture registers used to record transitions on inputs with their
time of occurrence.
SCI-M
Serial Communication In-
terface
Asynchronous transfer with either internal bit-rate generation or
an external clock. Parity generation/detection. Address recog-
nition feature that can request an interrupt on match of an input
character. DMA transfer.
WDT
Watchdog timer
Can be used either as a watchdog or as a timer with input and
output capable of pulse counting or waveform generation.
I/O port
Parallel input/output port
Parallel input/output ports. Each bit individually configurable as
input, output, bi-directional, or alternate function. Inputs can be
high impedance or with pull-up, CMOS or TTL-level. Outputs
can have open drain or push-pull configuration.
ADC
Analog to digital converter.
10-bit analog to digital converter. One to sixteen channels can
be converted in series. On each of two of the sixteen channels,
an Analog Watchdog function is used to define two thresholds.
When exceeded, an interrupt is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com