Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 32Page - STMicroelectronics ST9 Datasheet HTML 33Page - STMicroelectronics ST9 Datasheet HTML 34Page - STMicroelectronics ST9 Datasheet HTML 35Page - STMicroelectronics ST9 Datasheet HTML 36Page - STMicroelectronics ST9 Datasheet HTML 37Page - STMicroelectronics ST9 Datasheet HTML 38Page - STMicroelectronics ST9 Datasheet HTML 39Page - STMicroelectronics ST9 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 146 page
background image
36/146
ST9 USER GUIDE
push r6
push (R120)
push #80
pushw RR100
pushw #1500
Pushing an immediate value is especially useful when you are programming in C.
A special push instruction is Push Effective Address. This instruction does not push the data
itself, but the memory address of the data. For example:
pea 5(rr2)
This takes the contents of rr2, adds 5 and pushes the result onto the stack. This is widely used
in C programming.
3.3.1.4 Multiply and Divide
The multiply instruction takes two byte operands and provides a word result. All numbers are
treated as unsigned numbers (operands 0 to 255, result 0 to 65535). Though both operands
are bytes, the first one must address a word to receive the result. The first operand should
then reside in the low byte of the word, and the high byte, not used in the operation, will be
overwritten. The flag register is affected but the state of the flags after the operation is mean-
ingless.
To multiply a signed number (operands -128 to 127) by an unsigned number (operands 0 to
255) with a result in the range of -32768 to 32767, refer to the example given below:
ld
r1,#signed_data
ld
r4,#unsigned_data
btjt
r1.7,neg
mul
rr0,r4
; rr0 = r1*r4, with r1 value a positive signed
; number
jp
end
neg:
mul
rr0,r4
; rr0 = r1*r4, with r1 value a negative signed
; number
sub
r0,r4
; rr0=rr0-100h*r4
end
With the signed operand equal to 226=0E2h (means -30 for signed data) and the second un-
signed operand equal to 0Fh (+15) the result will be -450 (0FE3Eh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com