Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 34Page - STMicroelectronics ST9 Datasheet HTML 35Page - STMicroelectronics ST9 Datasheet HTML 36Page - STMicroelectronics ST9 Datasheet HTML 37Page - STMicroelectronics ST9 Datasheet HTML 38Page - STMicroelectronics ST9 Datasheet HTML 39Page - STMicroelectronics ST9 Datasheet HTML 40Page - STMicroelectronics ST9 Datasheet HTML 41Page - STMicroelectronics ST9 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 146 page
background image
38/146
ST9 USER GUIDE
3.3.1.5 Bit Operations
Microcontrollers are often used for controlling inputs and outputs on a single-bit basis, in order
to read the state of a contact, switch a relay on or off, etc. Because of this and because the
data is stored in bytes, instructions for bitwise manipulation of data are welcome.
The ST9 provides instructions to load, and, or, exor, set, clear, complement and test single
bits. These are bld, band, bor, bxor, bset, bres, bcpl, btset.
To designate a single bit in a byte, the notation .n is used. For example, r0.3 means bit 3 of r0.
Here are examples of bit manipulation instructions:
bld
r0.2, r6.4
; bit 4 of r6 copied to bit 2 of r0
bld
r0.3, !r6.0
; complement of bit 0 of r6 copied to bit 3 of r0
band
r0.2, r0.3
; r0.2 contains now (r6.4) and not (r6.0)
bor
r0.2, r2.7
bset
r0.0
; bit 0 or r0 set to 1
bcpl r0.1; bit 1 of r0 is complemented
All the above instructions act on single working registers. If the source operand is preceded by
‘!’, the complement of the source bit is used.
To test a bit, to condition a later jump, we have already described the tm and tcm instructions.
There is another instruction, btset, that can act on either a single or a double working register,
and that sets the Z bit of the FLAGR register if the designated bit is zero. After which, the bit
is set to one. You can use this instruction in an interrupt service routine to test for a request
and acknowledge it in a single instruction.
Warning. Don’t use the bit manipulation instructions directly on bidirectional ports. To avoid
unwanted modifications to the port output register contents, use a copy of the port register,
then transfer the result with a load instruction to the I/O port. (Refer to the Input/Output Bit
Configuration section in the Device Datasheet for more details.)
3.3.1.6 Test and Jump
The btjf and btjt instructions test if a bit is set or cleared respectively and branch to another
program location if true. For example:
btjt
r1.5,Lampon
bset
r1.5
; switch lamp on
Lampon:
...
; continuation of the program
Two instructions are well-suited for implementing lookup tables. These are cpjfi and cpjti. They
compare a byte in a register with a byte pointed to by a register pair, and increment the pointer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com