Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 68Page - STMicroelectronics ST9 Datasheet HTML 69Page - STMicroelectronics ST9 Datasheet HTML 70Page - STMicroelectronics ST9 Datasheet HTML 71Page - STMicroelectronics ST9 Datasheet HTML 72Page - STMicroelectronics ST9 Datasheet HTML 73Page - STMicroelectronics ST9 Datasheet HTML 74Page - STMicroelectronics ST9 Datasheet HTML 75Page - STMicroelectronics ST9 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 146 page
background image
72/146
ST9 USER GUIDE
Figure 33
. Output Pin Block Diagram
4.3.2 Timer Application for Periodic Interrupts
In this application, the clock is internal and the input and output pins are unused. The counter
is set to Continuous mode, and the value of the reload registers chosen so that the overflow
occurs exactly every 128 microseconds.
4.3.2.1 Initialisation of the WDT for a Periodic Interrupt
Very few registers are involved when you use the WDT for this purpose, since there is no input
apart from the internal clock and no output. However, the WDT interrupt handling is a little dif-
ferent from most other peripherals in that it borrows the interrupt circuit named INTA0 that is
normally assigned to external interrupt pin INT0. So you configure the WDT in two steps: ini-
tializing the WDT itself, and also the external interrupt INTA0.
In this example application, the internal frequency is 24 MHz and the interrupt rate must be
8192 Hz. The timer starts with the preset count on the low-to-high transition of the ST_SP bit
of the WDT Control Register.
The initialisation routine for the WDT is then:
D
0
7
1
0
WDTCR (R251 page 0)
Timer/Watchdog Control Register
Logical level user definable
while counter is running
WDTOUT
Pin
EOC
ST_SP S_C INMD1 INMD2
OUTMD WROUT
INEN
OUTEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com