Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 85Page - STMicroelectronics ST9 Datasheet HTML 86Page - STMicroelectronics ST9 Datasheet HTML 87Page - STMicroelectronics ST9 Datasheet HTML 88Page - STMicroelectronics ST9 Datasheet HTML 89Page - STMicroelectronics ST9 Datasheet HTML 90Page - STMicroelectronics ST9 Datasheet HTML 91Page - STMicroelectronics ST9 Datasheet HTML 92Page - STMicroelectronics ST9 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 146 page
background image
89/146
ST9 USER GUIDE
tween one electrode and the backplane, the area delimited on the front panel by the shape of
the electrode takes the reverse state, i.e. opaque or transparent, respectively. Using a seven-
segment pattern, it is possible to display numbers, by activating the appropriate segments to
show the desired figures.
A liquid-crystal display presents a high impedance between its electrodes, ranging typically in
the megaohm region. It is thus a voltage-controlled device, with a threshold of about 3 V to
change from one state to the other. Driving such a display is then a simple matter, but one fun-
damental precaution must be taken to avoid premature destruction of the display: it must be
driven with alternating voltage, to avoid electrolysis within the inter-electrode solution. The fre-
quency is of little importance, and the best values range between 30 and 100 Hz.
This basic explanation does not cover all the details and precautions relative to LCDs but is
sufficient to understand the use of the SPI as a LCD driver.
In this application, the display is installed on a separate board. Since it has 40 pins, it is not
convenient to connect this board with a 40-wire cable. Using a serial synchronous transmis-
sion, only four wires are required. The block diagram of the circuit of the display board is:
Figure 45
. LCD Interface Example
As shown by this diagram, to make it easy to wire our display board, the correspondence be-
tween the segment positions and the bit positions in the bytes transferred is actually:
And the conversion between the figures (0 to 9) and the display pattern is done by a constant
array defined in this case as:
; Table of characters. Gives the patterns for the last 3 digits, from 0 to 9.
Bit position
7
65
43
21
0
Segment
dp
g
f
a
b
c
d
e
Liquid Crystal Display
One digit
32 bit serial input, parallel output shift register
Ground
Serial Input
Shift Clock
+5V
a
b
c
d
e
f
g
dp
+1 back panel
dp g f e d c b a
dp g f e d c b a
dp g f e d c b a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com