Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 82 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 78Page - STMicroelectronics ST9 Datasheet HTML 79Page - STMicroelectronics ST9 Datasheet HTML 80Page - STMicroelectronics ST9 Datasheet HTML 81Page - STMicroelectronics ST9 Datasheet HTML 82Page - STMicroelectronics ST9 Datasheet HTML 83Page - STMicroelectronics ST9 Datasheet HTML 84Page - STMicroelectronics ST9 Datasheet HTML 85Page - STMicroelectronics ST9 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 146 page
background image
82/146
ST9 USER GUIDE
Depending on the relative values of the old and new values, on the order of writing the bytes
(high byte first, or low byte first), and on the direction of the timer (up-counting or down-
counting), various things may happen. These can range from a missed comparison (see
Figure 42) to two comparisons in the same cycle (not a problem).
This indicates that you have to pay attention to the time at which the compare register has to
be updated. If we consider that the duty cycle does not vary widely from one cycle to another,
the safest time to change value is as soon as possible after the match. The best way to do it
is to store the new value in a variable (a register is a good choice), and configure the MFT to
trigger an interrupt when the match occurs. Then, the interrupt service routine is executed and
the new value is safely copied into the compare register.
4.4.2 Generating a Pulse Width Modulated Wave with a Cleaner Spectrum
The use of a MFT to produce two PWM signals is convenient, especially for example in a
stepper motor application. There, an ST92F150 is used and only one MFT is available for
PWM generation, since the other one is used for other purposes. However, this method suf-
fers from a parasitic phase modulation of the signal since the falling edge is fixed, and the
rising edge moves with the desired duty cycle. This leads to the production of unwanted har-
monics in the resulting spectrum. This is not a problem for a lot of applications.
Sometime these harmonics are prohibited. Example: when we want to drive a high power in-
duction motor, these harmonics have two serious drawbacks:
– They produce parasitic frequencies that are injected in the mains, which is not allowed by
power distribution companies,
– They feed the induction motor with even ranked harmonics, which degrade the efficiency of
the motor and reduce the peak output power.
You can improve this situation by using a symmetrical PWM generation, producing waveforms
as follows:
Figure 43
. Symmetrical PWM Waveforms
You use the MFT in the following way. One MFT being used for one output signal, you use
only output A. You configure it so that it is set on a comparison with compare register 1, and
reset on a comparison with compare register 0. These registers are always loaded with values
82%
18%
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com