Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 21Page - STMicroelectronics ST9 Datasheet HTML 22Page - STMicroelectronics ST9 Datasheet HTML 23Page - STMicroelectronics ST9 Datasheet HTML 24Page - STMicroelectronics ST9 Datasheet HTML 25Page - STMicroelectronics ST9 Datasheet HTML 26Page - STMicroelectronics ST9 Datasheet HTML 27Page - STMicroelectronics ST9 Datasheet HTML 28Page - STMicroelectronics ST9 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 146 page
background image
25/146
ST9 USER GUIDE
These operators are especially useful when applied to a function or instruction label, although
the macro-assembler and assembler do not verify the type of the label.
Example:
ld
r0,#SEG Function
; extract the 6-bit segment
ldw
rr2,#SOF Function
; extract the 16-bit offset
calls
(r0),(rr2)
The same functions exist in C language: SEG(Function); SOF(Function).
3.1.7.2 Interrupt Service Routine Segment
One program segment is reserved for storing the Interrupt Service Routines. All the interrupt
routines start in this segment.
To obtain a 22-bit address, the 16-bit address is concatenated with 6 bits from the ISR register
(the 6 bits from the ISR register are the high-order bits of the address).
To offer compatibility with the previous ST9 versions and to have a new powerful address
mechanism, you can select “ST9” mode using the EMR2 bit in the ENCSR register.
Both modes use the concatenation of the ISR register value and the 16-bit address as shown
in Figure 10 to address the interrupt vector.
Then, in “ST9” mode, only the ISR register value is used during the interrupt routine. So it’s not
possible to jump to another segment from the Interrupt Service Routine because the CSR reg-
ister value is not saved with the FLAGR value and the current PC value when the interrupt oc-
curs. The advantage of “ST9” mode is to reduce stack memory usage and CPU cycles by not
saving the CSR value (see Figure 11). This figure shows you the different mechanisms that
are used when an interrupt occurs, when a branch or a call is executed during the interrupt
routine and when the return from interrupt instruction (RETI) is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com