Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 81 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 77Page - STMicroelectronics ST9 Datasheet HTML 78Page - STMicroelectronics ST9 Datasheet HTML 79Page - STMicroelectronics ST9 Datasheet HTML 80Page - STMicroelectronics ST9 Datasheet HTML 81Page - STMicroelectronics ST9 Datasheet HTML 82Page - STMicroelectronics ST9 Datasheet HTML 83Page - STMicroelectronics ST9 Datasheet HTML 84Page - STMicroelectronics ST9 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 146 page
background image
81/146
ST9 USER GUIDE
This value of the Load Register determines the frequency of the output signals. For example,
with a reload value of 255 and a 25 Mhz internal clock, the PWM frequency is 1/256 of the 25
MHz clock divided by 3, that is 32,552 kHz. In this case, the range of the compare registers is
1 to 255 inclusive. A value of 0 locks the outputs to the high state.
To use the timer to deliver variable PWM, we need to change the value of the compare regis-
ters from time to time. The simple way that first comes to mind is to write into the compare reg-
ister whenever we need to update the PWM rate. This can lead to problems.
If we write the new value into the compare register while the counter value matches the pre-
vious contents, this can make the comparison fail and the pulse that changes the state of the
output is not produced. The result is the output signal misses one cycle, as follows:
Figure 42
. Compare Register is modified while its Content matches Counter
This will obviously have a bad effect on the electronic circuit connected to this output.
Another problem can occur if the reload value exceeds 255. Then, two bytes are needed to ex-
press the compare values. Since the ST9 is an 8-bit machine, the two bytes that make up the
word are sent one after the other. If the high bytes of the old and new values are the same,
there is no problem. But if they differ, there are three possibilities for the value in the compare
register:
– The register contains the old value
– The register contains one byte of the old value, and the other byte of the new value
– The register contains the new value
Reload
Value
Compare
Register 0
Value
Output A
This pulse is missing.
This comparison has failed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com