Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 97 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 93Page - STMicroelectronics ST9 Datasheet HTML 94Page - STMicroelectronics ST9 Datasheet HTML 95Page - STMicroelectronics ST9 Datasheet HTML 96Page - STMicroelectronics ST9 Datasheet HTML 97Page - STMicroelectronics ST9 Datasheet HTML 98Page - STMicroelectronics ST9 Datasheet HTML 99Page - STMicroelectronics ST9 Datasheet HTML 100Page - STMicroelectronics ST9 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 146 page
background image
97/146
ST9 USER GUIDE
4.6.1.2.3 Interrupt Vectors
The interrupt vector scheme has been explained in Section 3.4.1 using the example of the
MFT to illustrate the mechanism. Here is the equivalent table for the SCI giving the position of
the four vectors dedicated to the four interrupt causes.
4.6.2 SCI Application 1: Sending Bytes using Interrupts
This application sends 10 bytes to the USART. An interrupt is generated at the end of every
single byte transmission. During this interrupt routine, the TXBR register is loaded with the
next byte to be transmitted. This application is found in the SCI/appli directory.
The character format is: 2400 bauds, 8 data bits, 1 stop bit and odd parity. Sent bytes can be
received on a PC loaded with a serial communication management software program such as
Hyperteminal.
4.6.3 SCI Application 2: Sending Bytes using DMA
This application sends bytes from the memory to the SCI peripheral using a DMA channel.
The transfer is re-initialized twice in the DMA End of Block interrupt routine so that data is
transmitted three times. This application is found in the SCI/appli2 directory.
4.6.4 SCI Application 3: Sending and Receiving Bytes using DMA
This application sends bytes from the memory to SCI and receives bytes from SCI to the reg-
ister file using two DMA channels. The SCI cell is configured in loopback so that each byte
sent is immediately received by the SCI. This application is found in the SCI/appli3 directory.
4.6.5 SCI Application 4: Matching Input Bytes
This application receives bytes from the USART and reacts only if an “F” (upper case) is re-
ceived: on a character match, a “0” is displayed on the 7-segment LED display on port 4. This
application is found in the SCI/appli4 directory.
Value in IVR
50
Interrupt cause
Address in ROM of the
selected pointer
Value of the Pointer to interrupt
routine
Receiver error
50
Address of error processing routine
Break detect or address match
50+2
Address of Address match process-
ing routine
Receiver data ready or DMA end of
block
50+4
Address of receive DMA end of block
processing routine
Transmitter buffer empty of DMA end
of block
50+6
Address of transmit DMA end of block
processing routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com