Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 67Page - STMicroelectronics ST9 Datasheet HTML 68Page - STMicroelectronics ST9 Datasheet HTML 69Page - STMicroelectronics ST9 Datasheet HTML 70Page - STMicroelectronics ST9 Datasheet HTML 71Page - STMicroelectronics ST9 Datasheet HTML 72Page - STMicroelectronics ST9 Datasheet HTML 73Page - STMicroelectronics ST9 Datasheet HTML 74Page - STMicroelectronics ST9 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 146 page
background image
71/146
ST9 USER GUIDE
4.3.1.5 Single/Continuous Mode
On counter underflow (End Of Count), the counter is always reloaded with the value of the
latch that is actually accessed when writing to the WDTHR and WDTLR register pair.
The counter has two modes: Single-shot or Continuous, selected by the S_C bit of WDTCR.
In Single-shot mode, the End Of Count also resets the ST_SP bit of the WDTCR, which stops
the counter after one cycle. In Continuous mode on reaching the End Of Count condition, the
counter reloads the constant and restarts. When the ST_SP bit is set, the contents of the latch
are written again to the counter, allowing the initial count value to be changed before starting
the counter.
You restart the down counter by setting the ST_SP bit. The constant value can be either the
initial value or a new one as shown on the following diagram:
Figure 32
. Timer in Single Mode
4.3.1.6 Output Pin
Another pin, WDOUT (alternate function of P5.1 for ST92F150), when enabled by the OUTEN
bit, can change its state in two ways on the end of count of the main counter. Basically, each
time the counter overflows, it updates the output value. This can produce two different effects,
selected by the OUTMD bit: either the state of the WROUT bit is copied to the output at that
time, or the output is complemented.
ST_SP
Counter
Value
Initial Value
End of Count
A new value may be written in the counter latches at any time. It will be transferred
into the counter on end of count or on various conditions on WDTIN and ST_SP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com