Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 60Page - STMicroelectronics ST9 Datasheet HTML 61Page - STMicroelectronics ST9 Datasheet HTML 62Page - STMicroelectronics ST9 Datasheet HTML 63Page - STMicroelectronics ST9 Datasheet HTML 64Page - STMicroelectronics ST9 Datasheet HTML 65Page - STMicroelectronics ST9 Datasheet HTML 66Page - STMicroelectronics ST9 Datasheet HTML 67Page - STMicroelectronics ST9 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 146 page
background image
64/146
ST9 USER GUIDE
3.6.1.3 Low Power with Frequency Slow Down
When the PLL has been frozen by a WFI instruction you need a delay after the interrupt to wait
for the PLL to lock. To avoid this delay but not to lose the Low Power consumption, you have
two choices which are:
– To use a WFI instruction with LPOWFI reset and initialize INTCLK to CLOCK2 with
XT_DIV16 bit set (CSU_CKSEL register). When the WFI occurs, CPUCLK is stopped and
INTCLK doesn’t change.
– To not use the WFI instruction. Set XT_DIV16 bit of CSU_CKSEL register. Initialize DX2:0
of PLLCONF to 6 to divide the PLL output clock by 7 which is the maximum. Initialize the
CPUCLK clock prescaler to 7 to divide INTCLK by 8.
3.6.2 Reset and Stop Manager
RESET normally means restarting from the beginning with everything initialized. However
sometimes it’s necessary to know the context of the ST9 before the RESET and if it was an ex-
ternal or internal RESET. Two bits, SOFTRES and WDGRES in the CLK_FLAG register indi-
cate the previous context. Table 3. shows the three cases to manage.
Table 3.
Three Types of RESET
These bits are read-only and change with each Reset.
RESET Type
SOFTRES bit
WDGRES bit
Meaning
External RESET
0
0
High to low level on RESET pin.
Watchdog RESET
0
1
The Watchdog Timer is activated and the Timer
has reached 0.
Software RESET
1
0
The HALT instruction is executed, waiting for an
external Reset to restart (if the SRESEN bit in the
CLKCTL register is set).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com