Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 56Page - STMicroelectronics ST9 Datasheet HTML 57Page - STMicroelectronics ST9 Datasheet HTML 58Page - STMicroelectronics ST9 Datasheet HTML 59Page - STMicroelectronics ST9 Datasheet HTML 60Page - STMicroelectronics ST9 Datasheet HTML 61Page - STMicroelectronics ST9 Datasheet HTML 62Page - STMicroelectronics ST9 Datasheet HTML 63Page - STMicroelectronics ST9 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 146 page
background image
60/146
ST9 USER GUIDE
3.6 RESET AND CLOCK CONTROL UNIT (RCCU)
The RCCU is composed of the Clock Control Unit (CCU) and the Reset and Stop Manager.
3.6.1 CLOCK CONTROL UNIT
The CCU generates the peripheral clock INTCLK and the CPU clock CPUCLK. It is a useful
clock generator with low power function and low external frequency oscillator to reduce elec-
tromagnetic emissions.
The diagram can be reduced as in Figure 24.
Figure 24
. CCU Simplified Block Diagram
The CCU is composed of 5 main blocks:
BLOCK
COMMENTS
1
Quartz oscillator gives the main frequency generator. The frequency is in the range of 3 to 5
MHz.
2
External clock for very low power consumption with a very low frequency.
3
The Clock Multiplier can reduce or increase the input frequency by using prescaler and
PLL.The increase is for the normal use and the decrease for low power consumption.
4
The selector aims the clock coming from the Clock Multiplier for normal or low power use or
aims the clock CK_AF for a very low power consumption.
5
The prescaler is used also for low power consumption. The INTCLK is not change giving a high
frequency to the internal peripheral. This allows the user to slow down program execution
during non processor intensive routines.
Quartz
Oscillator
CK_AF
Source
Clock Multiplier
[1/32 to 14]
Prescaler
CPUCLK
INTCLK
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com