Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 98Page - STMicroelectronics ST9 Datasheet HTML 99Page - STMicroelectronics ST9 Datasheet HTML 100Page - STMicroelectronics ST9 Datasheet HTML 101Page - STMicroelectronics ST9 Datasheet HTML 102Page - STMicroelectronics ST9 Datasheet HTML 103Page - STMicroelectronics ST9 Datasheet HTML 104Page - STMicroelectronics ST9 Datasheet HTML 105Page - STMicroelectronics ST9 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 146 page
background image
102/146
ST9 USER GUIDE
4.8 PERIPHERAL INITIALIZATION
All the ST9 peripherals have a large number of configuration options. This makes them highly
adaptable, but has a complex initialization procedure.
To help you to use the peripherals easily, you can find all the initialization programs on the
<http://www.stmcu.com> internet site.
The purpose of these programs is to give you C language programs to get started with pro-
gramming each peripheral. This program package consists of a Header file, a peripheral func-
tion, a startup and a main program for each peripheral.
The startup (crtbegin.spp) and the main (main.c) files are not explained here. Have a look at
these files for more details. All you now have to know is that whenever an interrupt subroutine
is used, the startup program is initialized with the interrupt subroutine address.
For example the INTADC_EndConv() ADC interrupt subroutine address declared in the file
<adc.c> is loaded in the startup routine <crtbegin.spp> at the Interrupt Vector Register loca-
tion.
4.8.1 initialization Header File
The initialization header file defines all the constants, the file to be included, the function pro-
totypes and the peripheral mode.
The initialization header file has to be included any time the peripheral is referenced. The next
section uses the Analog to Digital Converter peripheral file as an example. The ADC initializa-
tion header file is <adc.h>.
4.8.1.1 Constants already Initialized and to be Initialized
The <adc.h> file is complementary to the <ad_c_16.h> header file located in the toolchain
header files directory, with the other peripheral header files.
The 16 initialized constants, CHANNEL0 to CHANNEL15, give you the 16 possibilities of ini-
tializing the non-initialized constant AD_CHANNEL. This constant will initialize the AD_CLR1
ADC Control Logic Register1 in the <adc.c> file.
4.8.1.2 Files to be Included
The files to be included contain other initialized constants like in the previous <adc.h> file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com