Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 65 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 65 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 61Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 62Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 63Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 64Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 65Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 66Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 67Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 68Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 69Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 65 of 81
Ver: 1.1
3. IO Pad Cells
The main features of IO pad cell are including ESD/EFT protection and
general IO access. A general IO pad cell can be configured as input with or
without pull-up resistor, or working as a CMOS or NMOS output driver. The
input pad cell must have pull-up resistor for avoiding a floating state when
user doesn’t care or not be used. For concerning the standby current, user can
use data register or IO control register to fit the application.
. IO File Register
PAC[012H]: Port A IO control register [R/W], default value [1111]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
-
PAC2
PAC1
PAC0
Read/Write
-
R/W
R/W
R/W
PAC2~PAC0: Port A IO control data.
PA[013H]: Port A output data register [R/W], default value [1111]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
-
PA2
PA1
PA0
Read/Write
-
R/W
R/W
R/W
PA2~PA0: Port A output data.
PBC[014H]: Port B IO control register [R/W], default value [1111]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PBC3
PBC2
PBC1
PBC0
Read/Write
R/W
R/W
R/W
R/W
PBC3~PBC0: Port B IO control data.
PB[015H]: Port B output data register [R/W], default value [1111]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PB3
PB2
PB1
PB0
Read/Write
R/W
R/W
R/W
R/W
PB3~PB0: Port B output data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com