Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 36 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 36 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 32Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 33Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 34Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 35Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 36Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 37Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 38Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 39Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 40Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 36 of 81
Ver: 1.1
FS: System scaled frequency.
TCP1I: External clock input (falling edge).
TBCK: Peripheral clock source, 16KHz in the RC mode.
TB1OV: Time base 1st overflow output.
OSCH: System clock source, 4MHz in the RC mode.
TCP1OV: TCP1 overflow output.
PWM0,1,2: TCP2 cycle time with PWMxD duty output signal.
TCP1S1 TCP1S0
TCP1
0
0
FS
0
1
TCP1I
1
0
TBCK
1
1
TB1OV
PWM Output
TCP2
PWM0,1,2
TCP2S1 TCP2S0
TCP2
0
0
FS
0
1
OSCH
1
0
TBCK
1
1
TCP1OV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com