Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 26 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 26 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 22Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 23Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 24Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 25Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 26Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 27Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 28Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 29Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 30Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 26 of 81
Ver: 1.1
INTxS1~INTxS0
Trigger type
00
Low active
01
Falling edge
10
Rising edge
11
Dual edge trigger
Note: INTx Trigger type are selected by mask option.
TPINTC[01EH]: Touch pad interrupt control register [R/W], default value [00--]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
TPCTIE
TPCMPIE
-
-
Read/Write
R/W
R/W
-
-
TPCMPIE: Capacitor overcharge interrupt enable. (0: disable; 1: enable)
TPCTIE: Duty counter overflow interrupt enable. (0: disable; 1: enable)
TPINTF[01FH]: Touch pad request flag register [R/W], default value [00--]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
TPCTF
TPCMPF
-
-
Read/Write
R/W
R/W
-
-
TPCMPF: Capacitor overcharge flag. (0: inactive; 1: active)
TPCTF: Duty counter overflow flag. (0: inactive; 1: active)
§ Peripheral function description:
P-1: System clock pre-scale
The system clock is the most high frequency of MCU. For various peripherals,
application needs different clock source divided from system clock. TCPFS register
is a selector for choosing suitable frequency (FS).
TCPFS[20DH]: System clock pre-scale register [R/W], default value [-000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
-
FS2
FS1
FS0
Read/Write
-
R/W
R/W
R/W
FS2~FS0: The selector of TCPFS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com