Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 23 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 23 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 19Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 20Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 21Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 22Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 23Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 24Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 25Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 26Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 27Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 23 of 81
Ver: 1.1
S-11. OST time
The system oscillator generates the system control timing for CPU core or
peripheral devices with fixed control phase, so the waveform of oscillator
becomes sensitive to noise, abnormal duty especially fatal for CPU. Any
switching of clock source needs oscillation stable time (OST) to make sure the
oscillation is stable and synchronized with CPU timing phase. The relative OST
for different oscillator with reference value as below table:
OST
System clock(OSCH) Peripheral clock(OSCL)
High speed STOP wakeup
-
8
Low speed STOP wakeup
-
8
High speed SLEEP wakeup
8
-
Low speed SLEEP wakeup
-
8
Low speed to High speed
-
8
PSP[009H]: Peripheral power saving control register [R/W], default value [0---]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
LDOEN
-
-
-
Read/write
R/W
-
-
-
LDOEN: LDO enable. (0:disable; 1:enable)
The LDO voltage can be select 2.7V, 4.2V by mask option.
LVREN[304H]: LVR enable control register [R/W], default value [---0]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
-
-
-
LVREN
Read/write
-
-
-
R/W
LVREN: Low voltage reset enable. (0:disable, 1:enable)
When write $5 to this address, LVREN is set to 1; write $A, LVREN is clear to 0.
LDOFLAG[21EH]: LDO flag register [R/W], default value [---0]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
-
-
-
LDOFAIL
Read/write
-
-
-
R/W
LDOFAIL: When VDD voltage is smaller than LDO voltage, LDOFAIL will be set.
This bit can be clear by write 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com