Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 68 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 68 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 64Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 65Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 66Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 67Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 68Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 69Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 70Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 71Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 72Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 68 of 81
Ver: 1.1
PEI[20BH]: Port E pad data reading address [R], default value [----]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PEI3
PEI2
PEI1
PEI0
Read/Write
R
R
R
R
PEI3~PEI0: Port E pad data.
PFI[20CH]: Port F pad data reading address [R], default value [----]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PFI3
PFI2
PFI1
PFI0
Read/Write
R
R
R
R
PFI3~PFI0: Port F pad data.
. IO Port’s Special function
When SpecIO is selected by mask option, PA0, PB0 and PB1 is special IO
function. It can output ODATA register to user. ODATA can be store Key touch
information by software. User set PA0 for input, PB0,PB1 for output. User can
use this function to get Key touch information.
When using special IO function, do not use IIC function. If not, PB0,PB1
are unexpected signal.
ODATA[21FH]: Touch pad output register for special function [R/W], default value [0000
]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
ODATA3
ODATA2
ODATA1
ODATA0
Read/Write
R/W
R/W
R/W
R/W
ODATA3~ODATA0: Touch pad information.
PA0 (input)
PB0 (output)
PB1(output)
1
ODATA0
ODATA1
0
ODATA2
ODATA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com