Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 30 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 30 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 26Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 27Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 28Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 29Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 30Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 31Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 32Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 33Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 34Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 30 of 81
Ver: 1.1
P-2-1: Adjustment Time base
ADJSTAT[230H]: Frequency Adjustment Status flag register [R], default value [--11]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
-
-
OSCHADJF
TBADJF
Read/Write
-
-
R
R
TBADJF: Time base adjustment status flag. (0: busy, 1: idle)
OSCHADJF: OSCH frequency adjustment status flag. (0: busy, 1: idle)
TBLDRL[231H]: Time base preload register low nibble [R], default value [0000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
TBLDR3
TBLDR2
TBLDR1
TBLDR0
Read/Write
R
R
R
R
TBLDR3~TBLDR0: Time base preload register low nibble data.
TBLDRH[232H]: Time base preload register low nibble [R], default value [1000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
TBLDR7
TBLDR6
TBLDR5
TBLDR4
Read/Write
R
R
R
R
TBLDR7~TBLDR4: Time base preload register high nibble data.
User can adjustment the time base for accurate 128Hz by modify first
8-bit counter preload value, the time base preload counter initial value is
80H in power on, the adjustment procedure will modify the preload counter
value to approach 128Hz, there is using TCP1 and TCP2 cascaded to form a
20-bit timer/counter, chooses clock source FS and set TCPFS=0 for TCP1,
then load 07A12H(4MHz/31250=128Hz) to the 20-bit counter and write 1H
to ADJSTAT register to start adjustment, then check TBADJF flag. It is
finished when TBADJF=1. The adjustment procedure flow chart as follow:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com