Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 14 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 14 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 10Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 11Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 12Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 13Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 14Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 15Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 16Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 17Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 18Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 14 of 81
Ver: 1.1
221H
IICCON0
R/W
---1
IIC control register 0
222H
IICCON1
R/W
0000
IIC control register 1
223H
IICSTS
R/W
0001
IIC status register
224H
IICDATL
R/W
xxxx
IIC data low nibble register
225H
IICDATH
R/W
xxxx
IIC data high nibble registe
226H
IICRDATL0 R/W
0000
IIC fast read data low nibble register 0
227H
IICRDATH0 R/W
0000
IIC fast read data high nibble register 0
228H
IICRDATL1 R/W
0000
IIC fast read data low nibble register 1
229H
IICRDATH1 R/W
0000
IIC fast read data high nibble register 1
22AH
PWM1L
R/W
xxxx
PWM1 duty low nibble data register
22BH
PWM1M
R/W
xxxx
PWM1 duty middle nibble data register
22CH
PWM1H
R/W
xxxx
PWM1 duty high nibble data register
22DH
PWM2L
R/W
xxxx
PWM2 duty low nibble data register
22EH
PWM2M
R/W
xxxx
PWM2 duty middle nibble data register
22FH
PWM2H
R/W
xxxx
PWM2 duty high nibble data register
230H
ADJSTAT
R
--11
Frequency Adjustment Status flag register
231H
TBLDRL
R
0000
Time base preload register low nibble
232H
TBLDRH
R
1000
Time base preload register high nibble
300H
RESETF
R/W
0000
Reset flag
301H
TBRB
W
----
Time base clear address
302H
MRO
W
----
Mask option register enable address
303H
CLRWDT
W
----
Clear WDT 2nd instruction
304H
LVREN
R/W
---0
LVR enable control register
Note: a. Default means initial value after power on or reset.
b. R is “read” only, W is “write” only, R/W is both of “read” and “write”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com