Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 70 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 70 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 66Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 67Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 68Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 69Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 70Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 71Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 72Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 73Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 74Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 70 of 81
Ver: 1.1
Parameters
Target value
Remark
Touch pad OSC
4MHz or 16KHz
Using OSCH or OSCL
Modulation clock
OSCH/N or OSCL
N=1,2,4,8,16,32,64
Duty counter
12-bit
With INT
Reload data latch
12-bit
Write only
Touch pads
1~16 pads
-
Key de-bounce time
s/w implements
By application or cover thickness
Sensitivity level
Offset value by s/w
Resolution=1 modulation clock
The flowchart as follow:
CHECK
TPCTF=1
WRITE FFFH TO
TPCT0~2
FOR
TPCT0~2=000H
NO
SET MCKS
SET TPCHS3~0
WHEN SET
TPCHS0 WILL
START SCAN
AND CLEAR
TPCTF, TPCMPF
COUNT
OVERFLOW
ERROR
YES
NO
YES
TPCTL=3
CHARGE TIME
(ABOUT 100uS)
CHECK
TPCMPF=1
SAVE TPCT0~2
THEN TPCTL=0
TOUCH
PROGRAM
RTS
SET TPCTL=1
START SCAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com