Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 67 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 67 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 63Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 64Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 65Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 66Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 67Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 68Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 69Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 70Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 71Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 67 of 81
Ver: 1.1
PFC[01CH]: Port F IO control register [R/W], default value [1111]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PFC3
PFC2
PFC1
PFC0
Read/Write
R/W
R/W
R/W
R/W
PFC3~PFC0: Port F IO control data.
PF[01DH]: Port F output data register [R/W], default value [1111]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PF3
PF2
PF1
PF0
Read/Write
R/W
R/W
R/W
R/W
PF3~PF0: Port F output data.
PAI[207H]: Port A pad data reading address [R], default value [----]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
-
PAI2
PAI1
PAI0
Read/Write
-
R
R
R
PAI3~PAI0: Port A pad data.
PBI[208H]: Port B pad data reading address [R], default value [----]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PBI3
PBI2
PBI1
PBI0
Read/Write
R
R
R
R
PBI3~PBI0: Port B pad data.
PCI[209H]: Port C pad data reading address [R], default value [----]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PCI3
PCI2
PCI1
PCI0
Read/Write
R
R
R
R
PCI3~PCI0: Port C pad data.
PDI[20AH]: Port D pad data reading address [R], default value [----]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PDI3
PDI2
PDI1
PDI0
Read/Write
R
R
R
R
PDI3~PDI0: Port D pad data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com