Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 37 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 37 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 33Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 34Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 35Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 36Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 37Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 38Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 39Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 40Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 41Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 37 of 81
Ver: 1.1
TCP1OV
P-5: 20-bit Timer/Counter (TCP1 and TCP2 cascade)
Two sets TCP can be cascaded to form a 20-bit timer/counter when TCP2
chooses TCP1OV as clock source (TCP2S1=1 and TCP2S0=1). In the 20-bit
timer application, user should use TCP1EN to control the starting or stopping
counting of 20-bit timer/counter, data load is controlled by writing TCP1EN=1.
The rising TCP2OV will reload the contents in the pre-load register into
timer/counter, if TCP2LD in TCP2C are enabled. The interrupt feature is
different, in this case, the TCP1 INT will be inhibit when TCP1OV occur, the
TCP2 INT is normally.
TCP1S1
TCP1S0
TCP2LD
TCP1EN
TCP2OV
FS
TCP1I
TBCK
TB1OV
TCP1
Timer/Counter
M
U
X
Figure: 20-bit Timer/Counter (TCP1 and TCP2 cascade)
TCP2
Timer/Counter
Preload data
Data Bus
Data Bus
Preload data
Data Bus
Data Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com