Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 72 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 72 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 68Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 69Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 70Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 71Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 72Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 73Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 74Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 75Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 76Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 72 of 81
Ver: 1.1
Duty counter value= TPCT2*256 +TPCT1*16+TPCT0
When user writes data to the TPCT2~TPCT0, the data just keep in
TPCT2~TPCT0 latch register. When TPCHS0 is writing, the TPCT2~TPCT0 latch
register’s complement value will load into TPCT2~TPCT0 duty counter as initial
value and start the scan function.
The duty counter will be enabled by writing the TPCHS0 register and will
set the TPCTF flag if duty counter overflow. As writing the TPCHS0 register will
reload the 12-bit duty counter and clear the TPCTF and TPCMPF.
MCKS[21AH]: Modulation clock selector register [R/W], default value [0111]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
-
MCKS2
MCKS1
MCKS0
Read/Write
-
R/W
R/W
R/W
MCKS2~MCKS0: Modulation clock selector.
The TPCMPF will be set as no modulation clock going into duty counter
with de-bounce feature and will also call the interrupt as TPCMPIE=1.
TPCHS0[210H]: Touch pad channel selector register0 [R/W], default value [0000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
TPEN3
TPEN2
TPEN1
TPEN0
Read/Write
R/W
R/W
R/W
R/W
TPEN3~TPEN0: Touch pad channel selector 1st nibble.
TPCHS1[211H]: Touch pad channel selector register1 [R/W], default value [0000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
TPEN7
TPEN6
TPEN5
TPEN4
Read/Write
R/W
R/W
R/W
R/W
TPEN7~TPEN4: Touch pad channel selector 2nd nibble.
MCKS2~MCKS0
Sample time
MCKS2~MCKS0 Sample time
000
OSCH/1
100
OSCH/16
001
OSCH/2
101
OSCH/32
010
OSCH/4
110
OSCH/64
011
OSCH/8
111
OSCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com