Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 7 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 7 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 3Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 4Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 5Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 6Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 7Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 8Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 9Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 10Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 11Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 7 of 81
Ver: 1.1
§ IO Cell Type Description:
Pin Name
IO Type
Description
PA0
Figure IO-G
STD IO with internal PWM output and
external interrupt trigger input.
PA1
Figure IO-C
STD IO with internal PWM output and
external TCP1 clock input.
PA2
Figure IO-B
STD IO with internal PWM output.
PB0
Figure IO-E
STD IO with internal PWM output and
external interrupt trigger input and IIC.
PB1
Figure IO-F
STD IO with internal PWM output and
IIC.
PB2
Figure IO-D
STD IO with internal PWM output and
external interrupt trigger input.
PB3
Figure IO-H
STD IO with external interrupt trigger
input.
PC0~PC3
Figure IO-A
STD IO with touch pad input.
PD0~PD3
Figure IO-A
STD IO with touch pad input.
PE0~PE3
Figure IO-A
STD IO with touch pad input.
PF0~PF3
Figure IO-A
STD IO with touch pad input.
§ Absolute Maximum ratings:
ITEM
SYMBOL
RATING
UNIT
Operating Temperature
Top
-20~+70
Storage Temperature
Tst
-50~+125
Supply Voltage
VDD
VSS-0.3~VSS+6.0
V
OTP Supply Voltage
VPP
VSS-0.3~VSS+12.5
V
Input Voltage
Vin
VSS-0.3~VDD+0.3
V
Human Body Mode
ESD
>5
KV
Note: VSS symbolizes for system ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com