Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 19 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 19 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 15Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 16Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 17Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 18Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 19Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 20Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 21Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 22Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 23Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 19 of 81
Ver: 1.1
The maximum period of WDT =(TB1OV cycle time) * 8
S-7: Low Voltage Reset (LVR)
The low voltage reset (LVR) forces the MCU in reset state during power
failure, especially as MCU working in AC power application, preventing from
abnormal state is the key issue. The LVR voltage can be select 2.2V, 3.0V by
mask option.
S-8: Reset
The chip has six kinds of reset sources: POR (power on reset), External
reset, Watch dog timer reset, LVR (low voltage reset), Burn out reset and
ROM fail reset. The reset feature can be divided into 2 kind groups that one
is system reset and the other is CPU reset. The system reset will initialize
the CPU and peripheral device with default state. The CPU reset only
initializes the CPU state and keeps the peripheral state no change.
.POR (power on reset)
The chip provides automatically reset function when the power is
turned on. The VDD should be below 0.5V and its rising slope (from
0.1VDD up to 0.9VDD) needs less than 10ms.
.External reset (RSTB)
This is one kind of system reset signal, but only forced externally.
When the chip acknowledged the low level from the pin RSTB exceed 1 us,
it will generate the reset procedure to reset CPU and all the peripheral back
to their initial state (default values).
Q
QB
WDT
Overflow
TFF
TFF
TFF
POR+RESET
SLEEP, STOP
INTF write $F first then
write CLRWDT after
DFF
TB1OV
Figure: Watch Dog Timer circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com