Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 8 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 8 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 4Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 5Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 6Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 7Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 8Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 9Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 10Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 11Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 12Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 8 of 81
Ver: 1.1
§ DC and AC Characteristics
§ DC Characteristics: (Test condition at room temperature=25oC)
Parameter
Symbol
Test Condition
Min. Typ. Max. Unit
Operating Voltage
VDD
FOSCH=4MHz, LVR on 2.2V
2.4
-
5.5
V
FOSCH=4MHz, LVR on 3.0V
3.3
-
5.5
FOSCH=4MHz, LVR off
2.2
-
5.5
Operating Current
(Normal Mode, CPU
working, IO no load)
Ind1
VDD=5.0V, no load, FOSCL on,
FOSCH=4MHz, LVR off, LDO off
-
3.5
4.0
mA
Ind2
VDD=5.0V, no load, FOSCL on,
FOSCH off, LVR off, LDO off
-
30
50
uA
Operating Current
(Sleep Mode, CPU stop,
IO no load)
Isd1
VDD=5.0V, no load, FOSCL on,
FOSCH=4MHz, LVR off, LDO off
-
0.6
0.8
mA
Isd2
VDD=3.0V, no load, FOSCL on,
FOSCH off, LVR off, LDO off
-
5
10
uA
Standby Current
(Stop Mode, CPU stop,
IO no load)
Isd3
VDD=5.0V, no load, FOSCL off,
FOSCH off, LVR off, LDO off
-
-
1
uA
LVR Current
ILVR
VDD=5.0V
55
uA
LDO Current
ILDO
VDD=5.0V
100
uA
Input Ports
VIL
Input Low Voltage
0
-
0.2
VDD
Input Ports
VIH
Input High Voltage
0.8
-
1.0
VDD
RSTB and INT
VIL
Input Low Voltage
0
-
0.3
VDD
RSTB and INT
VIH
Input High Voltage
0.7
-
1.0
VDD
PA0 Sink Current
IOL
VDD=5.0V, VOL=0.6V
-
2
-
mA
PA0 Source Current
IOH
VDD=5.0V, VOH=4.3V
-
-1
-
mA
Output port Sink Current
(PA, PB exclude PA0)
IOL
VDD=5.0V, VOL=0.6V
-
32
-
mA
Output Port Source
Current (PA, PB exclude
PA0)
IOH
VDD=5.0V, VOH=4.3V
-
-8
-
mA
Output port Sink Current
(PC, PD, PE, PF)
IOL
VDD=5.0V, VOL=0.6V
-
16
-
mA
Output Port Source
Current (PC, PD, PE, PF)
IOH
VDD=5.0V, VOH=4.3V
-
-8
-
mA
IO Port Pull-up Resistor
RPH
VDD=5.0V
100
150
200
KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com