Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP259-ASFN Datasheet(PDF) 10 Page - Tontek Design Technology

Part # TTP259-ASFN
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259-ASFN Datasheet(HTML) 10 Page - Tontek Design Technology

Back Button TTP259-ASFN Datasheet HTML 6Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 7Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 8Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 9Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 10Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 11Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 12Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 13Page - Tontek Design Technology TTP259-ASFN Datasheet HTML 14Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 10 of 81
Ver: 1.1
§ AC Characteristics: (Test condition at room temperature=25oC)
Wake up input
Low active pulse width tWKUP,
Application de-bounce should be
manipulated by user’ software
2
-
-
OSCL
Startup Period of
Oscillators
TOSCH (Built-in RC)
wake-up from
off mode
8
-
-
TOSCH
TOSCL (Built-in RC)
Wake-up from
off mode
8
-
-
TOSCL
Parameter
Test Condition
Min. Typ. Max. Unit
External Reset
Low active pulse width tRES
2
-
-
CPU
clock
Interrupt input
Low active pulse width tINT
2
-
-
CPU
clock
System Oscillator
Frequency
FOSCH (Built-in RC)
VDD=5.0V
-
4M
-
Hz
Peripheral
Oscillator
Frequency
FOSCL (Built-in RC)
VDD=5.0V
-
16K
-
Hz
Stable Time
Of System Clock
Switching
TOSCH (Built-in RC)
OSCL OSCH
and OSCH off
8
-
-
TOSCL
(If H/L=0 then OSCH stop)
TOSCL (Built-in RC)
OSCH OSCL
and OSCL on
-
-
-
TOSCL
Timer/Counter
input clock
frequency
Input frequency rating, no de-bounce
circuit built-in,
VDD=5V
DC
-
4M
Hz
System Stable
Time after
Power up
After power up, the system needs to
initialize the configured state and
OST
-
-
40
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com